PART |
Description |
Maker |
ADF4212BRU |
Dual Integer-N 0.5 GHz/3.0 GHz PLL
|
Analog Devices
|
EVAL-ADG936EB ADG936 ADG936BCP ADG936BCP-500RL7 AD |
Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT 宽带4千兆赫,36千兆赫的CMOS 1.65 V分贝.75 V的隔离,双路SPDT Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT DUAL 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, QCC20
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
PE3240 PE3240EK 3240-11 3240-12 3240-00 |
2.2 GHz UltraCMOS⑩ Integer-N PLL for Low Phase Noise Applications 2.2 GHz UltraCMOSInteger-N PLL for Low Phase Noise Applications 2.2 GHz UltraCMOS Integer-N PLL for Low Phase Noise Applications
|
PEREGRINE[Peregrine Semiconductor Corp.]
|
8485A 8485D Q8486D W8486A R8486A Q8486A R8486D E44 |
8485A Power Sensor, 50 MHz to 26.5 GHz 8485D Diode Power Sensor, 50 MHz to 26.5 GHz Q8486D Waveguide Power Sensor, 33 GHz to 50 GHz W8486A Waveguide Power Sensor, 75 GHz to 110 GHz R8486A Thermocouple Waveguide Power Sensor, 26.5 GHz to 40 GHz Q8486A Thermocouple Waveguide Power Sensor, 33 GHz to 50 GHz R8486D Waveguide Power Sensor, 26.5 GHz to 40 GHz E4412A Wide Dynamic Range Power Sensor, E-Series E4413A Wide Dynamic Range Power Sensor, E-Series V8486A V-band Power Sensor, 50 GHz to 75 GHz 8482B High-Power Sensor, 100 kHz to 4.2 GHz, 25W 8487A Power Sensor, 50 MHz to 50 GHz 8482H Power Sensor, 100 kHz to 4.2 GHz, 3 W 8481D Diode Power Sensor, 10 MHz to 18 GHz
|
Agilent (Hewlett-Packard)
|
PE9702-00 PE9702-01 |
3.0 GHz integer-N PLL for RAD-hard applications
|
Peregrine Semiconductor
|
PE3239 3239-12 3239-11 3239-00 PE3239-11 |
2.2 GHz Integer-N PLL for Low Phase Noise Applications 2.2 GHz的整数N的低相位噪声锁相环的应用
|
Electronic Theatre Controls, Inc.
|
ADG936 ADG936-R |
Wideband 4 GHz 36 dB Isolation at 1 GHz CMOS 1.65V to 2.75V Dual SPDT
|
Analog Devices
|
UPG2162T5N-09 |
DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
|
California Eastern Labs
|
UPG2162T5N-E2 UPG2162T5N-E2-A |
DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
|
NEC
|
773D |
772D Coaxial Dual-Directional Coupler 2 GHz to 18 GHz
|
Agilent (Hewlett-Packard)
|
BCM43340 BCM43340HKUBG BCM43340XKUBG |
Single-Chip, Dual-Band (2.4 GHz/5 GHz) IEEE 802.11 a/b/g/n MAC/Baseband/Radio with Integrated Bluetooth 4.0
|
Cypress Semiconductor
|
FS8160 |
1.1 GHz/1.1 GHz Dual Phase-locked Loop IC
|
List of Unclassifed Manufacturers ETC
|